Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65819-J-R87 Datasheet(PDF) 1 Page - EPCOS

Part # B65819-J-R87
Description  RM cores are supplied in sets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65819-J-R87 Datasheet(HTML) 1 Page - EPCOS

  B65819-J-R87 Datasheet HTML 1Page - EPCOS B65819-J-R87 Datasheet HTML 2Page - EPCOS B65819-J-R87 Datasheet HTML 3Page - EPCOS B65819-J-R87 Datasheet HTML 4Page - EPCOS B65819-J-R87 Datasheet HTML 5Page - EPCOS B65819-J-R87 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
216 08/01
I In accordance with IEC 60431
I Core without center hole
for transformer applications
I RM cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,74
29,8
40
1 200
0,7
30,4
43
39
1 340
mm–1
mm
mm2
mm2
mm3
m
6,5
7,2
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code1)
-A with center hole
-N with threaded sleeve
-J without center hole
N41
160
± 5 %
0,30
89
B65819-J160-J41
250
± 5 %
0,18
139
B65819-J250-J41
N48
250
± 3 %
0,16
147
B65819-+250-A48
315
± 3 %
0,12
186
B65819-+315-A48
1) Replace the + by the code letter “A” or “N” for the required version.
B65819
Core
RM 7


Similar Part No. - B65819-J-R87

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65819-P-R49 EPCOS-B65819-P-R49 Datasheet
110Kb / 4P
RM 7 Low Profile
B65819-P-R87 EPCOS-B65819-P-R87 Datasheet
110Kb / 4P
RM 7 Low Profile
B65819-P-R92 EPCOS-B65819-P-R92 Datasheet
110Kb / 4P
RM 7 Low Profile
B65819-P-Y38 EPCOS-B65819-P-Y38 Datasheet
110Kb / 4P
RM 7 Low Profile
More results

Similar Description - B65819-J-R87

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
RM cores are supplied in sets
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
RM cores are supplied in sets
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
RM cores are supplied in sets
B65813 EPCOS-B65813 Datasheet
200Kb / 8P
RM 10 RM cores are supplied in sets
B65491 EPCOS-B65491 Datasheet
72Kb / 2P
P 3,3 횞 2,6 Pot cores are supplied in sets
B65501-D-R33 EPCOS-B65501-D-R33 Datasheet
85Kb / 3P
Pot cores are supplied in sets
B65511 EPCOS-B65511 Datasheet
103Kb / 4P
Pot cores are supplied in sets
logo
YUXIANG Magnetc materia...
RM4A YUXIANG-RM4A Datasheet
59Kb / 2P
RM CORES
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
RM, RM/I, RM/ILP cores and
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com