Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-A16-R Datasheet(PDF) 5 Page - EPCOS

Part # B84143-A16-R
Description  3-Line Filters for Converters and Power Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-A16-R Datasheet(HTML) 5 Page - EPCOS

  B84143-A16-R Datasheet HTML 1Page - EPCOS B84143-A16-R Datasheet HTML 2Page - EPCOS B84143-A16-R Datasheet HTML 3Page - EPCOS B84143-A16-R Datasheet HTML 4Page - EPCOS B84143-A16-R Datasheet HTML 5Page - EPCOS B84143-A16-R Datasheet HTML 6Page - EPCOS B84143-A16-R Datasheet HTML 7Page - EPCOS B84143-A16-R Datasheet HTML 8Page - EPCOS B84143-A16-R Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
224 03/01
3-Line Filters
B84143-A*-R
for Converters and Power Electronics
B84143-A80-R
B84143-A120-R, B84143-A150-R
SSB0978-C
LINE
LOAD
PE M10 x 35
2
25 mm
Anschlussklemmen
18±0,5
141 max.
300 max.
115±0,2
6,6±0,2
221 max.
Marking
L2
PE
L3
L1
L2
L3
PE
L1
Terminal blocks
25 mm2
SSB0979-K
LINE
LOAD
PE M10 x 35
2
50 mm
Anschlussklemmen
18±0,5
141 max.
115±0,2
348 max.
261 max.
6.6±0,2
Marking
L2
PE
L3
L1
L2
L3
PE
L1
Terminal blocks
50 mm2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com