Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65819-P-R49 Datasheet(PDF) 2 Page - EPCOS

Part # B65819-P-R49
Description  RM 7 Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65819-P-R49 Datasheet(HTML) 2 Page - EPCOS

  B65819-P-R49 Datasheet HTML 1Page - EPCOS B65819-P-R49 Datasheet HTML 2Page - EPCOS B65819-P-R49 Datasheet HTML 3Page - EPCOS B65819-P-R49 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
221 08/01
I In accordance with IEC 61860
I For compact transformers
I Without center hole
I RM cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,52 mm–1
le
= 23,5 mm
Ae
= 45,3 mm2
Amin = 39,6 mm2
Ve
= 1 060 mm3
Approx. weight 5,7 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
T38
11500 + 40/– 30 % 4740
B65819-P-Y38
N49
2400 + 30/– 20 %
990 1700
< 0,21
(50 mT, 500 kHz, 100
°C)
B65819-P-R49
N921)
2600 + 30/– 20 % 1060 2200
< 0,63
(200 mT, 100 kHz, 100
°C)
B65819-P-R92
N87
3300 + 30/– 20 % 1360 2200
< 0,57
(200 mT, 100 kHz, 100
°C)
B65819-P-R87
1) Preliminary data
B65819-P
Core
RM 7 »Low Profile«



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com