Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA849 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
The circuit accepts single-ended or differential input signals. The PGA849 operates with independent input and
output power supplies. In this example, ±15V power supplies are used to power the input-stage, and a unipolar
5.3V supply powers the output-stage. The PGA849 output stage supply is powered by the same 5.3V ADC
supply. The 5.3V output supply operation prevents overloading the ADC inputs during PGA overdrive conditions.
The REF6250 is selected as the ADC voltage reference. The REF6250 is a low-noise, low-drift, precision, 5V
reference connected to the ADS8860 reference input ADC REFIN pin.
The PGA849 output voltage is developed with respect to the REF pin. The REF pin is set to the SAR ADC
midscale voltage by dividing the REF6250 ADC reference with a precision resistive voltage divider. The OPA192
buffer drives the PGA849 REF pin. The OPA192 is a precision amplifier with low offset, low drift and 10MHz
bandwidth.
8.2.1.1 Design Requirements
The design requirements for the application driving the ADS8860 ADC are listed in the following table.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltages
VS± = ±15V, LVDD = 5.3V, LVSS = GND, ADC REFIN = 5V,
PGA REF = 2.5V
Full-scale range of ADC
FSR = 5V
Sampling rate of ADC
fSAMPLE = 1MSPS
PGA gain
0.125, 0.25, 0.5, 1, 2,4, 8, 16
Input voltages (VPP, differential)
25V, 16V, 8V, 4V, 2V, 1V, 0.5V, 0.25V
Signal frequency
1kHz
RC kickback filter
RFIL = 15Ω, CDIFF = 1.2nF, CCM = 120pF
www.ti.com
PGA849
SBOSAG3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com