Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K135 Datasheet(PDF) 1 Page - STMicroelectronics

Part # K135
Description  Rail-to-rail input/output 20MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K135 Datasheet(HTML) 1 Page - STMicroelectronics

  K135 Datasheet HTML 1Page - STMicroelectronics K135 Datasheet HTML 2Page - STMicroelectronics K135 Datasheet HTML 3Page - STMicroelectronics K135 Datasheet HTML 4Page - STMicroelectronics K135 Datasheet HTML 5Page - STMicroelectronics K135 Datasheet HTML 6Page - STMicroelectronics K135 Datasheet HTML 7Page - STMicroelectronics K135 Datasheet HTML 8Page - STMicroelectronics K135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2006
Rev 3
1/18
18
TSV991-TSV992-TSV994
Rail-to-rail input/output 20MHz GBP operational amplifiers
Features
■ Low input offset voltage: 1.5mV max
■ Rail-to-rail input and output
■ Wide bandwidth 20MHz, stable for gain
≥3
■ Low power consumption: 1.1mA maximum
■ High output current: 35mA
■ Operating from 2.5V to 5.5V
■ Low input bias current, 1pA typ
■ ESD internal protection
≥ 5kV
■ Latch-up immunity
Description
The TSV991/2/4 family of single, dual & quad
operational amplifiers offers low voltage operation
and rail-to-rail input and output.
This family features an excellent speed/power
consumption ratio, offering a 20MHz gain-
bandwidth, stable for gain above 3 (100pF
capacitive load), while consuming only 1.1mA
max at 5V supply voltage. It also features an ultra-
low input bias current.
These characteristics make the TSV991/2/4
family ideal for sensor interfaces, battery-supplied
and portable applications, as well as active
filtering.
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
SOT23-5
SO-14, TSSOP14
MSO-8, SO-8
Pin connections (top view)
www.st.com


Similar Part No. - K135

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
logo
MTRONPTI
K1350 MTRONPTI-K1350 Datasheet
107Kb / 2P
5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K1351 ETC-K1351 Datasheet
54Kb / 2P
2SK1351
logo
Inchange Semiconductor ...
K1351 ISC-K1351 Datasheet
62Kb / 2P
Drain Current ?밒D=5A@ TC=25C
logo
Carl Kammerling Interna...
K13545 CARL-K13545 Datasheet
234Kb / 3P
Harsh environment padlock
08/03/2007
More results

Similar Description - K135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
STMicroelectronics
TSV911 STMICROELECTRONICS-TSV911 Datasheet
344Kb / 18P
Rail-to-rail input/output 8MHz operational amplifiers
28-Aug-2006
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
11-Feb-2008
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com