Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GA105A-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # CDSCB10M7GA105A-R0
Description  Ceramic Discriminators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CDSCB10M7GA105A-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CDSCB10M7GA105A-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CDSCB10M7GA105A-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CDSCB10M7GA105A-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CDSCB10M7GA105A-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CDSCB10M7GA105A-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CDSCB10M7GA105A-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/16/2024
Specifications
Operating Temperature
Range
-20
℃ to 80℃
Shape
SMD
Elements
1
Center Frequency
10.700MHz
Center Frequency Tolerance
±30kHz
Nominal Center Value
No
Recovered Audio 3dB BW
220kHzmin.
Distortion(max.)
1.5
%
Area of Distortion
[at fo]
Recovered Audio Output
110mVmin.
IC
TEA5757HL
IC Maker
PHILIPS
Detection Method
quadrature type
Mass
21.84mg
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com