Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7366 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices AD7366 Datasheet HTML 16Page - Analog Devices AD7366 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 13 of 28
2.5050
2.5025
2.5030
2.5035
2.5040
2.5045
2.5020
2.5015
2.5010
2.5005
2.5000
0
1020
304050
607080
90
CURRENT LOAD (µA)
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V,
Figure 13. VREF vs. Reference Output Current Drive
0.250
0.300
0.200
0.150
0.100
0.50
0
0
500
1000
1500
2000
2500
CURRENT (µA)
SINK CURRENT
SOURCE CURRENT
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = 15V
VDRIVE = 3V, fS = 1MSPS
INTERNAL REFERENCE
Figure 14. DOUT Source Current vs. (VCC − VOUT ) and
DOUT Sink Current vs. VOUT
SAMPLING FREQUENCY (kSPS)
100
400
300
200
600
500
700
800
900
1000
15
25
35
45
55
65
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
0V TO 10V RANGE
±5V RANGE
±10V RANGE
Figure 15. Power vs. Sampling Frequency in Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com