Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES0510 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES0510
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0510 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES0510 Datasheet HTML 1Page - Balluff Korea Ltd. BES0510 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M12EI-PSC40S-S04G-S
Order Code: BES0510
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 279439
ETIM 6.0: EC002714
BES0510_0.86_2023-12-20
1 / 2
Basic features
Additional features
Selective ferrous
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Target material
Selective ferrous
Display/Operation
Function indicator
yes
Electrical connection
Connection
M12x1-Male, 4-pin
Polarity reversal protected
yes
Protection against device mix-ups
no
Short-circuit protection
yes
Electrical data
Magnetic field strength, interference
field
100 kA/m
Min. operating current Im
0 mA
No-load current Io max., damped
33 mA
No-load current Io max., undamped
25 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
33.0 kOhm + D
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
200 mA
Rated short circuit current
100 A
Ready delay tv max.
30 ms
Ripple max. (% of Ue)
15 %
Switching frequency
70 Hz
Voltage drop static max.
2 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
IP rating
IP67
Magnetic field immune
magnetic field immune (AC/DC)
Functional safety
MTTF (40 °C)
260 a
Interface
Switching output
PNP normally open (NO)


Similar Part No. - BES0510

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0511 BALLUFF-BES0511 Datasheet
101Kb / 2P
Inductive Sensors
2023-12-20
BES0517 BALLUFF-BES0517 Datasheet
109Kb / 2P
Inductive Sensors
BES051H BALLUFF-BES051H Datasheet
99Kb / 2P
Inductive Sensors
BES051J BALLUFF-BES051J Datasheet
110Kb / 2P
Inductive Sensors
2023-04-18
BES051L BALLUFF-BES051L Datasheet
110Kb / 2P
Inductive Sensors
2023-04-18
More results

Similar Description - BES0510

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com