Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7765 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7765
Rev. 0 | Page 21 of 32
DECIMATION RATE PIN
The decimation rate of the AD7765 is selected using the
DEC_RATE pin. Table 11 shows the voltage input settings
required for each of the three decimation rates.
Table 11. DEC_RATE Pin Settings
Decimate
DEC_RATE Pin
Max Output Data Rate
128×
DVDD
156.25 kHz
256×
GND
78.125 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com