Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSKB3M80GF00-R1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # SFSKB3M80GF00-R1
Description  Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFSKB3M80GF00-R1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  SFSKB3M80GF00-R1_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SFSKB3M80GF00-R1_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFSKB3M80GF00-R1_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFSKB3M80GF00-R1_V01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Search Data Sheet
SFSKB3M80GF00-R1
Note: This datasheet may be out of date.
Please download the latest datasheet of SFSKB3M80GF00-R1 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=SFSKB3M80GF00-R1
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/16/2024
Specifications
Operating Temperature
Range
0
℃ to 70℃
Shape
SMD
Elements
2
Center Frequency
3.800MHz
Nominal Center Value
Yes
3dB Bandwidth
fn±75kHzmin.
Stop Bandwidth
650kHz
Stop Band Attenuation
30dB[at 3.2MHz]
Spurious Attenuation
30dB[within 2.8 to 3.2MHz]
Insertion Loss
6.0dBmax.
Input/Output Impedance
1000Ω
Mass
68mg
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com