Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8146ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8146ACPZ-R2
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8146ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8146ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8146ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = ±5V, VOCM = 0 V (AD8146); SYNC LEVEL = 0 V (AD8147/AD8148); T = 25°C; RL, dm = 200 Ω, unless otherwise noted.
TMIN to TMAX = −40°C to +85°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT AC
Dynamic Performance
−3 dB Small Signal Bandwidth
VO = 0.2 V p-p,
AD8146 and AD8148/AD8147
900/780
MHz
−3 dB Large Signal Bandwidth
VO = 2 V p-p,
AD8146 and AD8148/AD8147
700/600
MHz
Bandwidth for 0.1 dB Flatness
VO = 2 V p-p,
AD8146 and AD8147/AD8148
200/235
MHz
Slew Rate
VO = 2 V p-p, 25% to 75%
3000
V/μs
Isolation Between Amplifiers
f = 10 MHz, between amplifiers,
AD8146 and AD8147/AD8148
−86/−80
dB
DIFFERENTIAL INPUT DC
Input Common-Mode Voltage Range
−5 to +5
V
Input Resistance
Differential
1.0
kΩ
Single-ended input
1.13
kΩ
Input Capacitance
Differential
2
pF
DC CMRR
ΔVOUT, dm/ΔVIN, cm, ΔVIN, cm = ±1 V,
AD8146/AD8147/AD8148
−53/−49/−55
dB
DIFFERENTIAL OUTPUT
Differential Signal Gain
ΔVOUT,dm/ΔVIN,dm; ΔVIN,dm = ±1 V,
AD8146 and AD8147
1.95
2.00
V/V
ΔVOUT,dm/ΔVIN,dm; ΔVIN,dm = ±1 V, AD8148
−3.42
+3.5
V/V
Output Voltage Swing
Each single-ended output,
AD8146/AD8147/AD8148
−3/−2.25/−3.42
+3.4/+3.4/+3.5
V
Output Offset Voltage
−19
+19
mV
Output Offset Drift
TMIN to TMAX
±8
μV/°C
Output Balance Error
ΔVOUT,cm/ΔVIN,dm, ΔVOUT,dm = 2 V p-p,
f = 50 MHz,
AD8146 and AD8147/AD8148
−52/−49
dB
DC, AD8146 and AD8148/AD8147
−41/−44
dB
Output Voltage Noise (RTO)
f = 1 MHz, AD8146 and AD8147/AD8148
25/42
nV/√Hz
Output Short-Circuit Current
Short to GND, source/sink
+87/−67
mA
VOCM DYNAMIC PERFORMANCE
(AD8146 ONLY)
−3 dB Bandwidth
ΔVOCM = 100 mV p-p
340
MHz
Slew Rate
VOCM = −1 V to +1 V, 25% to 75%
800
V/μs
DC Gain
ΔVOCM = ±1 V
0.986
1.000
V/V
VOCM INPUT CHARACTERISTICS
(AD8146 ONLY)
Input Voltage Range
±3
V
Input Resistance
12.5
kΩ
Input Offset Voltage
−20
+20
mV
DC CMRR
ΔVOUT, dm/ΔVOCM, ΔVOCM = ±1 V
−48
dB
SYNC DYNAMIC PERFORMANCE
(AD8147/AD8148 ONLY)
Slew Rate
VOUT, cm = −1 V to +1 V; 25% to 75%
1000
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com