Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS40K130QP Datasheet(PDF) 1 Page - EPCOS

Part # LS40K130QP
Description  Strap Varistors HighE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K130QP Datasheet(HTML) 1 Page - EPCOS

  LS40K130QP Datasheet HTML 1Page - EPCOS LS40K130QP Datasheet HTML 2Page - EPCOS LS40K130QP Datasheet HTML 3Page - EPCOS LS40K130QP Datasheet HTML 4Page - EPCOS LS40K130QP Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
227 04/02
Construction
I Rectangular varistor element as in SIOV-B40
I Coating: epoxy resin, flame-retardant to UL 94 V-0
I Bolt-holed strap terminals for screw fixing or soldering
I Bent or straight strap terminals
Features
I Electrical equivalents to type series
SIOV-B40K130 … 750
I Maximum load capacity with minimum size
I PSpice models
Approvals
I UL
I CSA
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 25
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 25 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 25 … + 110
°C
Electric strength
³ 2,5 kV
RMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
SIOV-LS 40 K 130 Q P (K2)
Strap terminals
Rated diameter of
varistor disk
Straight strap terminals
Epoxy resin coating
Square disk
Max. AC operating voltage
EPCOS metal oxide varistor
Tolerance of varistor voltage
Strap Varistors
HighE Series


Similar Part No. - LS40K130QP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
LS40K130QP MDE-LS40K130QP Datasheet
39Kb / 1P
Metal Oxide Varistors
LS40K130QP MDE-LS40K130QP Datasheet
39Kb / 1P
Metal Oxide Varistors
LS40K130QP MDE-LS40K130QP_13 Datasheet
39Kb / 1P
Metal Oxide Varistors
More results

Similar Description - LS40K130QP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240B0750K001 EPCOS-B72240B0750K001 Datasheet
96Kb / 7P
Block Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
Strap Varistors
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
STRAP TYPE PPTC FLR Series
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
STRAP TYPE PPTC FSR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
Strap Type KSH Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
Strap Type KSV Series
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
SIOV metal oxide varistors Leaded varistors, StandarD series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
CHO-STRAP INSULATED GROUND STRAP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com