Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS40K140QP Datasheet(PDF) 4 Page - EPCOS

Part # LS40K140QP
Description  Strap Varistors HighE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K140QP Datasheet(HTML) 4 Page - EPCOS

  LS40K140QP Datasheet HTML 1Page - EPCOS LS40K140QP Datasheet HTML 2Page - EPCOS LS40K140QP Datasheet HTML 3Page - EPCOS LS40K140QP Datasheet HTML 4Page - EPCOS LS40K140QP Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
230 04/02
Strap Varistors
HighE Series
SIOV-LS40K … QP
Weight: 20 … 50 g
SIOV-LS40K … QPK2
Weight: 20 … 50 g
Dimensions
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS40K130QP
8,1
– 3,5
LS40K140QP
8,2
– 3,3
LS40K150QP
8,3
– 3,2
LS40K230QP
9,0
– 2,0
LS40K250QP
9,2
– 1,8
LS40K275QP
9,4
– 1,6
LS40K320QP
9,9
– 1,1
LS40K385QP
10,6
– 0,4
LS40K420QP
10,9
0,0
LS40K440QP
11,1
0,2
LS40K460QP
11,4
0,4
LS40K550QP
12,3
1,2
LS40K680QP
13,5
2,4
LS40K750QP
14,1
3,0
VAR0234-F
T
37,5 max.
7
3,5
25,4±0,5
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS40K130QPK2
8,1
4,4
LS40K140QPK2
8,2
4,5
LS40K150QPK2
8,3
4,6
LS40K230QPK2
9,0
5,4
LS40K250QPK2
9,2
5,6
LS40K275QPK2
9,4
5,8
LS40K320QPK2
9,9
6,3
LS40K385QPK2
10,6
6,9
LS40K420QPK2
10,9
7,3
LS40K440QPK2
11,1
7,6
LS40K460QPK2
11,4
7,8
LS40K550QPK2
12,3
8,8
LS40K680QPK2
13,5
9,9
LS40K750QPK2
14,1
10,5
VAR0507-A
7±0,2
25,4±0,5
T
3,5±0,2
37,5 max.
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com