Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS40K150QP Datasheet(PDF) 2 Page - EPCOS

Part # LS40K150QP
Description  Strap Varistors HighE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K150QP Datasheet(HTML) 2 Page - EPCOS

  LS40K150QP Datasheet HTML 1Page - EPCOS LS40K150QP Datasheet HTML 2Page - EPCOS LS40K150QP Datasheet HTML 3Page - EPCOS LS40K150QP Datasheet HTML 4Page - EPCOS LS40K150QP Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
228 04/02
1) available upon request
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering
code
Type
SIOV-
Ordering
code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
LS40K130QP B72240
L0131K100
LS40K130QPK2 B72240
L0131K102
130
170
40000
310
1,4
LS40K140QP B72240
L0141K1001)
LS40K140QPK2 B72240
L0141K102
140
180
40000
340
1,4
LS40K150QP B72240
L0151K100
LS40K150QPK2 B72240
L0151K102
150
200
40000
360
1,4
LS40K230QP B72240
L0231K100
LS40K230QPK2 B72240
L0231K1021)
230
300
40000
460
1,4
LS40K250QP B72240
L0251K100
LS40K250QPK2 B72240
L0251K102
250
320
40000
490
1,4
LS40K275QP B72240
L0271K100
LS40K275QPK2 B72240
L0271K102
275
350
40000
550
1,4
LS40K320QP B72240
L0321K100
LS40K320QPK2 B72240
L0321K102
320
420
40000
640
1,4
LS40K385QP B72240
L0381K100
LS40K385QPK2 B72240
L0381K1021)
385
505
40000
800
1,4
LS40K420QP B72240
L0421K100
LS40K420QPK2 B72240
L0421K1021)
420
560
40000
910
1,4
LS40K440QP B72240
L0441K100
LS40K440QPK2 B72240
L0441K1021)
440
585
40000
950
1,4
LS40K460QP B72240
L0461K100
LS40K460QPK2 B72240
L0461K102
460
615
40000
960
1,4
LS40K550QP B72240
L0551K100
LS40K550QPK2 B72240
L0551K102
550
745
40000
960
1,4
LS40K680QP B72240
L0681K100
LS40K680QPK2 B72240
L0681K102
680
895
40000
1100
1,4
LS40K750QP B72240
L0751K100
LS40K750QPK2 B72240
L0751K102
750
970
40000
1200
1,4
HighE Series
Strap Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com