Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD36 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SD36
Description  TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD36 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SD36 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD36 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD36 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SD36 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SD36 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SD36 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N1787, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SD05 THRU SD36
Maximum Ratings@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Units
Peak Pulse Power (tp =8/20μs)
PPK
350
W
Peak Pulse Current (tp =8/20μs)
IPP
24
A
ESD Voltage (HBM Waveform
per IEC 61000-4-2)
VESD
30
KV
Lead Soldering Temperature
TL
260(10 sec.)
℃
Operating Temperature
TJ
-55 to + 125
℃
Storage Temperature
TSTG
-55 to + 150
℃
Electrical Characteristics@TA=25°C unless otherwise specified
SD05
Marking code
5U
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
@ It=1mA
6
-
-
V
Reverse Leakage Current
IR
@VRWM = 5V, T = 25 ℃
-
-
10
μA
Clamping Voltage
VC
@IPP = 5A, tp=8/20μs
-
-
9.8
V
Clamping Voltage
VC
@IPP = 24A, tp=8/20μs
-
-
14.5
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
350
pF
SD12
Marking code
12U
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
12
V
Reverse Breakdown Voltage
VBR
@ It=1mA
13.3
-
-
V
Reverse Leakage Current
IR
@VRWM = 12V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 5A, tp=8/20μs
-
-
19
V
Clamping Voltage
VC
@IPP = 15A, tp=8/20μs
-
-
24
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
150
pF
SD15
Marking code
15U
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
15
V
Reverse Breakdown Voltage
VBR
@ It=1mA
16.7
-
-
V
Reverse Leakage Current
IR
@VRWM = 15V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 5A, tp=8/20μs
-
-
24
V
Clamping Voltage
VC
@IPP = 12A, tp=8/20μs
-
-
29
V
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
130
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com