Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD24 Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # SD24
Description  TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD24 Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  SD24 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD24 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD24 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SD24 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SD24 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SD24 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data
Data Sheet N1787, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SD05 THRU SD36
Mechanical Dimensions SOD-323
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
-
1.000
-
0.039
A1
0.000
0.100
0.000
0.004
A2
0.800
0.900
0.031
0.035
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
1.200
1.400
0.047
0.055
E
1.600
1.800
0.063
0.071
E1
2.500
2.700
0.098
0.106
L
0.475 REF.
0.019 REF.
L1
0.250
0.400
0.010
0.016
θ
0°
8°
0°
8°
Soldering Pad Layout (Millimeters )
Carrier Tape Specification SOD-323
SYMB
OL
Millimeters
Min.
Max.
B
2.85
2.95
C
1.20
1.30
d
1.40
1.60
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com