Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6J Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SMA6J
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMA6J Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SMA6J Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Automotive qualified
Data Sheet N1972, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMA6J SERIES
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
“-A” suffix is for Automotive qualified
Electrical Characteristics@TA=25°C unless otherwise specified
Part Number
Marking Code
Stand-off
Voltage
Vwm
(V)
Breakdown Voltage
VBR
@ IBR (mA)
(V)
Clamping
Voltage
Vc (10*1000uS)
@ IPP
Max
Stand By
Current
IR
@ Vwm
(uA)
Max
Stand By
Current
IR @ Vwm
TJ=85C
(uA)
Max
Uni-
Directional
Bi-
Directional
Min.
Max.
mA
V
A
SMA6J10A/CA
6UE
6BE
10
11.1
12.3
1
15.7
37
1
5
SMA6J12A/CA
6UF
6BF
12
13.3
14.7
1
18.8
31
1
5
SMA6J13A/CA
6UG
6BG
13
14.4
15.9
1
20.4
29
1
5
SMA6J15A/CA
6UH
6BH
15
16.7
18.5
1
23.6
25.1
1
5
SMA6J18A/CA
6UJ
6BJ
18
20.0
22.1
1
28.3
21.5
0.2
1
SMA6J20A/CA
6UK
6BK
20
22.2
24.5
1
31.4
19.4
0.2
1
SMA6J24A/CA
6UM
6BM
24
26.7
29.5
1
37.8
16
0.2
1
SMA6J26A/CA
6UN
6BN
26
28.9
31.9
1
40.9
14.9
0.2
1
SMA6J28A/CA
6UO
6BO
28
31.1
34.4
1
44.0
13.8
0.2
1
SMA6J33A/CA
6UQ
6BQ
33
36.7
40.6
1
51.9
11.8
0.2
1
SMA6J40A/CA
6UR
6BR
40
44.4
49.1
1
62.8
9.7
0.2
1
SMA6J48A/CA
6US
6BS
48
53.3
58.9
1
75.4
8.1
0.2
1
SMA6J58A/CA
6UT
6BT
58
64.4
71.2
1
91.1
6.7
0.2
1
SMA6J70A/CA
6UU
6BU
70
77.8
86.0
1
110
5.5
0.2
1
SMA6J75A/CA
6UV
6BV
75
83.3
92.1
1
121
5
0.2
1
SMA6J78A/CA
6UW
6BW
78
86.7
95.8
1
126
4.8
0.2
1
SMA6J85A/CA
6UX
6BX
85
94.4
104
1
137
4.6
0.2
1
SMA6J90A/CA
6UY
6BY
90
100
111
1
146
4.2
0.2
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com