Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5080 Datasheet HTML 1Page - National Semiconductor (TI) LM5080 Datasheet HTML 2Page - National Semiconductor (TI) LM5080 Datasheet HTML 3Page - National Semiconductor (TI) LM5080 Datasheet HTML 4Page - National Semiconductor (TI) LM5080 Datasheet HTML 5Page - National Semiconductor (TI) LM5080 Datasheet HTML 6Page - National Semiconductor (TI) LM5080 Datasheet HTML 7Page - National Semiconductor (TI) LM5080 Datasheet HTML 8Page - National Semiconductor (TI) LM5080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
20157802
8-Lead MSOP
See NS Package Number MUA08A
Ordering Information
Order Number
Description
NSC Package Drawing
Supplied As
LM5080MM
MSOP-8
MUA08A
1000 Units on Tape and Reel
LM5080MMX
MSOP-8
MUA08A
3500 Units on Tape and Reel
Pin Descriptions
Pin
Name
Description
1
SHR
Current Share Bus. The SHR pins of each LM5080 device are connected together.
2
CSM
Current Sense Amplifier Minus Input.
3
TRO
Transconductance Output. One of two outputs of the current sense transconductance amplifier.
4
GND
Ground. Connect to negative terminal of the LM5080 bias supply.
5
RSO
Remote Sense Output. Capable of driving the low impedance remote sense pin of a power
converter.
6
VCC
Bias Supply. VCC can be connected to the output of the power converter that the LM5080
controls if greater than 3V, or it can be connected to another bias source for lower voltage
systems.
7
CSO
Current Sense Output. One of two outputs of the current sense transconductance amplifier.
8
CSP
Current Sense Amplifier Positive Input.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com