Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA05 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SMDA05
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMDA05 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SMDA05 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMDA05 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMDA05 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMDA05 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0294, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMDA03
THRU
SMDA36
Circuit Diagram
Mechanical Dimensions SO-8
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.350
1.800
0.053
0.071
A1
0.100
0.250
0.004
0.010
A2
1.350
1.750
0.053
0.069
b
0.306
0.510
0.012
0.020
c
0.150
0.300
0.006
0.012
D
4.720
5.120
0.186
0.202
e
1.140
1.400
0.045
0.055
E
5.700
6.300
0.224
0.248
E1
3.750
4.150
0.148
0.163
L
0.300
1.270
0.012
0.050
θ
0°
8°
0°
8°
Carrier Tape Specification SO-8
The SMDAxx series of devices are designed to protect up to four data
lines. The devices are connected as follows:
✔
The SMDAxx are unidirectional devices and are designed for use on
line where the normal operating voltage is above ground. Pins 1, 2,
3, and 4 are connected to the protected lines. Pins 5, 6, 7, and 8
are connected to ground. The ground connections should be made
directly to the ground plane for best results. The path length is kept
as short as possible to reduce the effects of parasitic inductance in
the board traces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com