Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MMX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080MMX
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080MMX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5080MMX Datasheet HTML 5Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 6Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 7Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 8Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 9Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 10Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 11Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 12Page - National Semiconductor (TI) LM5080MMX Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Remote Sense Adjust Modes
The two remote sense adjust modes (positive and negative)
achieve current sharing by controlling either remote sense
input of the power converter. These configurations for the
LM5080 are shown in Figures 3 and 4. To understand the
sharing mechanism, assume for a moment the SHR pin is
disconnected from the share bus. Connecting RSO and
CSO configures the current sharing amplifier as a differential
amplifier with a gain of one. The CSP and RSO voltage will
be identical and independent of the voltage across the sense
resistor. Hence the voltage regulation loop of each power
converter is unaffected by the LM5080 when the SHR bus is
open.
When the SHR pins are connected, the small signal transfer
functions between the sense resistor voltages (VRS) and the
power supplies negative remote sense voltages (VSNS) are:
VSNS1 = A/4 x (VRS1 – VRS2)
VSNS2 = A/4 x (VRS2 – VRS1)
where
gm = current share amplifier transconductance (8.7mA/V)
Ro = output impedance of TRO pin (typically 6 M
Ω).
Provided the current sharing is equal (VRS1=VRS2), the
VSNS voltages will remain unchanged. However, any differ-
ence between VRS1 and VRS2 will drive the VSNS1 and
VSNS2 voltages in opposite polarities. As a result the power
converter
output
voltages
will
be
adjusted
to
force
VRS1=VRS2.
A capacitor from TRO to ground will compensate the differ-
ential amplifier as well as set the dominant pole of the
current share loop. CTRO should be at least 2 nF to insure
stability of the differential amplifier. In some systems a small
resistor (RTRO) in series with CTRO will improve stability of
the current share loop by introducing a zero at high frequen-
cies.
In the remote sense modes, it is essential the CSP pins of all
LM5080’s be tied to the exact same location on the PC
board. Any mismatch in the CSP voltages between
LM5080’s will contribute to current share errors. As in the
reference adjust mode, the current sense resistors should be
located as close to the load as possible to minimize trace
resistance in series with the sense resistors. In the remote
sense positive mode, VCC must be biased at least 2V higher
than the output regulation voltage to maintain CSP and CSM
in the proper common mode range.
20157807
FIGURE 3. Remote Sense Negative Mode Implementation
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com