Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3009G Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FMP3009G
Description  Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FMP3009G Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FMP3009G Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FMP3009G Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FMP3009G Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FMP3009G Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static characteristics
Drain-source breakdown voltage
BVDSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-30V,VGS = 0V
-1
µA
Gate-source leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
VGS =-10V, ID =-9A
19
25
mΩ
Drain-source on-resistance (note 1)
RDS(on)
VGS =-4.5V, ID =-6A
27
35
mΩ
Forward tranconductance (note 1)
gFS
VDS =-5V, ID =-9A
12
S
Gate threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1.0
-1.5
-3.0
V
Diode forward voltage (note 1)
VSD
IS=-2A,VGS=0V
-1.2
V
Dynamic characteristics
(note 2)
Input capacitance
Ciss
1400
pF
Output capacitance
Coss
163
pF
Reverse transfer capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
145
pF
Switching Characteristics
(note 2)
Turn-on delay time
td(on)
15
ns
Turn-on rise time
tr
15
ns
Turn-off delay time
td(off)
75
ns
Turn-off fall time
tf
25
ns
Notes:
1. Pulse test: Pulse width ≤300µs, duty cycle ≤2%.
2. Guaranteed by design, not subject to production change.
3. Measured with the device mounted on 1 in2 FR-4 board with 2oz. copper, in a still air environment with Ta = 25℃.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
Total gate charge
Qg
25
nC
TGate-source charge
Qgs
7
nC
TGate-drain charge
Qgd
VGS=-4.5V,VDS=-6V,
ID=-9A
12
nC
VDD=-15V,ID=-1A,VGS=-10V,
RG=1Ω,RL=15Ω
FMP3009G
P-Channel Enhancement Mode Field Effect Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com