Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9211 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9211 Datasheet HTML 9Page - Analog Devices AD9211 Datasheet HTML 10Page - Analog Devices AD9211 Datasheet HTML 11Page - Analog Devices AD9211 Datasheet HTML 12Page - Analog Devices AD9211 Datasheet HTML 13Page - Analog Devices AD9211 Datasheet HTML 14Page - Analog Devices AD9211 Datasheet HTML 15Page - Analog Devices AD9211 Datasheet HTML 16Page - Analog Devices AD9211 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9211
Rev. 0 | Page 13 of 28
FREQUENCY (MHz)
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, rated sample rate, DCS enabled, TA = 25°C, 1.25 V p-p differential input, AIN = −1 dBFS, unless
otherwise noted.
0
–120
0100
–20
–40
–60
–80
–100
25
50
75
200MSPS
10.3MHz @ –1.0dBFS
SNR: 59.5dB
ENOB: 9.8BITS
SFDR: 85dBc
FREQUENCY (MHz)
Figure 6. AD9211-200 64k Point Single-Tone FFT; 200 MSPS, 10.3 MHz
0
–120
0100
–20
–40
–60
–80
–100
25
50
75
200MSPS
70.3MHz @ –1.0dBFS
SNR: 59.3dB
ENOB: 9.7BITS
SFDR: –77dBc
FREQUENCY (MHz)
Figure 7. AD9211-200 64k Point Single-Tone FFT; 200 MSPS, 70.3 MHz
0
–120
01
95
55
0180
FREQUENCY (MHz)
90
85
80
75
70
65
60
SNR (dB)
20
40
60
80
100
120
140
160
SFDR
90
0
–90
0
AMPLITUDE (dBFS)
00
–20
–40
–60
–80
–100
25
50
75
200MSPS
170.3MHz @ –1.0dBFS
SNR: 59.0dB
ENOB: 9.6BITS
SFDR: 77dBc
Figure 8. AD9211-200 64k Point Single-Tone FFT; 200 MSPS, 170.3 MHz
Figure 9. AD9211-200 Single-Tone SNR/SFDR vs. Input Frequency (fIN) with
1.25 V p-p Full Scale; 200 MSPS
SFDR (dBFS)
80
70
60
50
40
30
20
10
SNR (dBFS)
SNR (dB)
SFDR (dB)
–80
–70
–60
–50
–40
–30
–20
–10
0.25
–0.25
01024
OUTPUT CODE
Figure 10. AD9211-200 SNR/SFDR vs. Input Amplitude; 170.3 MHz
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
256
512
768
Figure 11. AD9211-200 INL; 200 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com