Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9516-2
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9516-2 Datasheet HTML 13Page - Analog Devices AD9516-2 Datasheet HTML 14Page - Analog Devices AD9516-2 Datasheet HTML 15Page - Analog Devices AD9516-2 Datasheet HTML 16Page - Analog Devices AD9516-2 Datasheet HTML 17Page - Analog Devices AD9516-2 Datasheet HTML 18Page - Analog Devices AD9516-2 Datasheet HTML 19Page - Analog Devices AD9516-2 Datasheet HTML 20Page - Analog Devices AD9516-2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
AD9516-2
Rev. 0 | Page 17 of 84
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VS
REFMON
LD
VCP
CP
STATUS
REF_SEL
SYNC
LF
BYPASS
VS
VS
CLK
CLK
NC
SCLK
NC = NO CONNECT
OUT6 (OUT6A)
OUT6 (OUT6B)
OUT7 (OUT7A)
OUT7 (OUT7B)
GND
OUT2
OUT2
VS_LVPECL
OUT3
OUT3
VS
GND
OUT9 (OUT9B)
OUT9 (OUT9A)
OUT8 (OUT8B)
OUT8 (OUT8A)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9516-2
TOP VIEW
(Not to Scale)
LVPECL LVPECL
LVPECL LVPECL
Figure 6. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 11, 12, 30, 31,
32, 38, 49, 50, 51,
57, 60, 61
VS
3.3 V Power Pins.
2
REFMON
Reference Monitor (Output). This pin has multiple selectable outputs; see Table 53 0x1B.
3
LD
Lock Detect (Output). This pin has multiple selectable outputs; see Table 53 0x1A.
4
VCP
Power Supply for Charge Pump (CP); VS < VCP < 5.0 V.
5
CP
Charge Pump (Output). Connects to external loop filter.
6
STATUS
Status (Output). This pin has multiple selectable outputs; see Table 53 0x17.
7
REF_SEL
Reference Select. Selects REF1 (low) or REF2 (high). This pin has an internal 30 kΩ pull-down resistor.
8
SYNC
Manual Synchronizations and Manual Holdover. This pin initiates a manual synchronization and is also
used for manual holdover. Active low. This pin has an internal 30 kΩ pull-up resistor.
9
LF
Loop Filter (Input). Connects to VCO control voltage node internally.
10
BYPASS
This pin is for bypassing the LDO to ground with a capacitor.
13
CLK
Along with CLK, this is the differential input for the clock distribution section.
14
CLK
Along with CLK, this is the differential input for the clock distribution section.
15, 18, 19, 20
NC
No Connection.
16
SCLK
Serial Control Port Data Clock Signal.
17
CS
Serial Control Port Chip Select; Active Low. This pin has an internal 30 kΩ pull-up resistor.
21
SDO
Serial Control Port Unidirectional Serial Data Out.
22
SDIO
Serial Control Port Bidirectional Serial Data In/Out.
23
RESET
Chip Reset; Active Low. This pin has an internal 30 kΩ pull-up resistor.
24
PD
Chip Power Down; Active Low. This pin has an internal 30 kΩ pull-up resistor.
27, 41, 54
VS_LVPECL
Extended Voltage 2.5 V to 3.3 V LVPECL Power Pins.
37, 44, 59, EPAD
GND
Ground Pins; Includes External Paddle (EPAD).
56
OUT0
LVPECL Output; One Side of a Differential LVPECL Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com