Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9747BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9747BCPZ Datasheet HTML 17Page - Analog Devices AD9747BCPZ Datasheet HTML 18Page - Analog Devices AD9747BCPZ Datasheet HTML 19Page - Analog Devices AD9747BCPZ Datasheet HTML 20Page - Analog Devices AD9747BCPZ Datasheet HTML 21Page - Analog Devices AD9747BCPZ Datasheet HTML 22Page - Analog Devices AD9747BCPZ Datasheet HTML 23Page - Analog Devices AD9747BCPZ Datasheet HTML 24Page - Analog Devices AD9747BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 21 of 28
SPI REGISTER DESCRIPTIONS
Table 15.
Register
Address
Bit
Name
Description
7
SDIODIR
0, operate SPI in 4-wire mode, SDIO pin operates as an input only
1, operate SPI in 3-wire mode, SDIO pin operates as a bidirectional I/O line
6
LSBFIRST
0, LSBFIRST off, SPI serial data mode is MSB to LSB
1, LSBFIRST on, SPI serial data mode is LSB to MSB
5
SWRESET
0, resume normal operation following software RESET
SPI Control
0x00
1, software RESET; loads default values to all registers (except Register 0x00)
7
DATTYPE
0, DAC input data is twos complement binary format
1, DAC input data is unsigned binary format
6
ONEPORT
0, normal two port input mode
1, optional single port input mode, interleaved data received on Port 1 only
Data Control
0x02
4
INVDCO
1, inverts data clock output signal
7
PD_DCO
1, power down data clock output
5
PD_AUX2
1, power down AUX2 DAC
4
PD_AUX1
1, power down AUX1 DAC
3
PD_BIAS
1, power down reference voltage bias circuit
2
PD_CLK
1, power down DAC clock input circuit
1
PD_DAC2
1, power down DAC2 analog output
Power Down
0x03
0
PD_DAC1
1, power down DAC1 analog output
3:2
DAC1MOD<1:0>
00, selects normal mode, DAC1
01, selects mix mode, DAC1
10, selects return-to-zero mode, DAC1
1:0
DAC2MOD<1:0>
00, selects normal mode, DAC2
01, selects mix mode, DAC2
DAC Mode Select
0x0A
10, selects return-to-zero mode, DAC2
0x0B
7:0
DAC1FSC<7:0>
DAC1 full-scale 10-bit adjustment word
1:0
DAC1FSC<9:8>
0x03FF, sets full-scale current to the maximum value of 31.66 mA
0x01F9, sets full-scale current to the nominal value of 20.0 mA
DAC1 Gain
0x0C
0x0000, sets full-scale current to the minimum value of 8.64 mA
0x0D
7:0
AUXDAC1<7:0>
Auxiliary DAC1 10-bit output current adjustment word
1:0
AUXDAC1<9:8>
0x03FF, sets output current magnitude to 2.0 mA
0x0200, sets output current magnitude to 1.0 mA
0x0000, sets output current magnitude to 0.0 mA
7
AUX1PIN
0, AUX1P output pin is active
1, AUX1N output pin is active
6
AUX1DIR
0, configures AUX1 DAC output to source current
AUX DAC1
0x0E
1, configures AUX1 DAC output to sink current
0x0F
7:0
DAC2FSC<7:0>
DAC2 full-scale 10-bit adjustment word
1:0
DAC2FSC<9:8>
0x03FF, sets full-scale current to the maximum value of 31.66 mA
0x01F9, sets full-scale current to the nominal value of 20.0 mA
DAC2 Gain
0x10
0x0000, sets full-scale current to the minimum value of 8.64 mA
0x11
7:0
AUXDAC2<7:0>
Auxiliary DAC2 10-bit output current adjustment word
0x12
1:0
AUXDAC2<9:8>
0x03FF, sets output current magnitude to 2.0 mA
0x0200, sets output current to 1.0 mA
0x0000, sets output current to 0.0 mA
7
AUX2PIN
0, AUX2P output pin is active
1, AUX2N output pin is active
6
AUX2DIR
0, configures AUX2 DAC output to source current
AUX DAC2
1, configures AUX2 DAC output to sink current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com