Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-1AUJZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4000-1AUJZ-R7
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1AUJZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4000-1AUJZ-R7 Datasheet HTML 1Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 2Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 3Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 4Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 5Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 6Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADA4000-1AUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Rev. 0 | Page 4 of 16
VS = ±5 V, VCM = VS/2 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.20
1.70
mV
−40°C ≤ TA ≤ +125°C
3.0
mV
Input Bias Current
IB
5
40
pA
−40°C ≤ TA ≤ +85°C
170
pA
−40°C ≤ TA ≤ +125°C
3
nA
Input Offset Current
IOS
2
40
pA
−40°C ≤ TA ≤ +85°C
80
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Voltage Range
IVR
−1.5
+5.0
V
Common-Mode Rejection Ratio
CMRR
−1.5 V ≤ VCM ≤ +3.5 V
72
80
dB
−40°C ≤ TA ≤ +125°C
80
dB
Open-Loop Gain
AVO
RL = 2 kΩ, VO = ±2.5 V
106
114
dB
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
2
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to ground
4.0
4.20
V
−40°C ≤ TA ≤ +125°C
3.80
V
Output Voltage Low
VOL
RL = 2 kΩ to ground
−3.45
−3.20
V
−40°C ≤ TA ≤ +125°C
−3.00
V
Short-Circuit Current
ISC
±28
mA
POWER SUPPLY
Supply Current/Amplifier
ISY
1.25
1.65
mA
−40°C ≤ TA ≤ +125°C
1.80
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
VI = 10 V, RL = 2 kΩ
20
V/μs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
ΦM
55
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1
μV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.01
pA/
√Hz
INPUT IMPEDANCE
Differential Mode
(R||C)IN-DIFF
10||4
GΩ||pF
Common Mode
(R||C)INCM
103||5.5
GΩ||pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com