Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBB220L-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBB220L-G
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB220L-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBB220L-G Datasheet HTML 1Page - Comchip Technology CDBB220L-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: Molded plastic SMB/DO-214AA
Eposy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-750
method 2026
Mounting position: Any
Weight: 0.093 gram
Mechanical Data
Maximum Rating and Electrical Characteristics
Low forward voltage drop
High current capability
High reliability
High surge current capability
Features
Reverse Voltage: 20 ~ 100 Volts
Forward Current: 2.0 Amp
CDBB220L-G THRU CDBB2100L-G
SMD Schottky Barrier Rectifier
“-G” suffix designates RoHS compliant Version
Dimensions in inches and (millimeter)
0.008(0.20)
0.203(0.10)
0.083(2.11)
0.075(1.91)
0.096(2.44)
0.083(2.13)
0.050(1.27)
0.030(0.76)
0.155(3.94)
0.130(3.30)
0.185(4.70)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.220(5.59)
0.200(5.08)
NOTES :
-55 to +175
2.0
0.5
1.0
50
200
UNIT
V
V
V
V
A
A
mA
oC
pF
SYBMOL
VRRM
VRMS
VDC
I(AV)
IR
CJ
TJ,TSTG
VF
IFSM
0.7
0.85
0.5
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
At Rated DC Blocking Voltage @TJ=125
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage Temperature
TL=100
oC
Half sine-wave superimposed on rated load
(JEDEC Method)
@2.0 A
Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
CHARACTERISTIC
Rating at 25ºC ambient temperature unless specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
CDBB
220L-G
20
14
20
CDBB
240L-G
40
28
40
CDBB
260L-G
60
42
60
CDBB
280L-G
80
56
80
CDBB
2100L-G
100
70
100
SMB/DO-214AA


Similar Part No. - CDBB220L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB220L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
SS22-G COMCHIP-SS22-G Datasheet
111Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com