Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE4D20120D Datasheet(PDF) 4 Page - Analog Power

Part # ADE4D20120D
Description  1200-V Direct WBG Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

ADE4D20120D Datasheet(HTML) 4 Page - Analog Power

  ADE4D20120D Datasheet HTML 1Page - Analog Power ADE4D20120D Datasheet HTML 2Page - Analog Power ADE4D20120D Datasheet HTML 3Page - Analog Power ADE4D20120D Datasheet HTML 4Page - Analog Power ADE4D20120D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
ADE4D20120D
7. Capacitance Stored Energy vs. Reverse Voltage
8. Reverse Recovery Time vs. dIF/dt
9. Thermal Transient Junction to Ambient
Typical Electrical Characteristics
1E-04
1E-03
1E-02
1E-01
1E+00
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJC(t) = r(t) + RθJC
TJ - TC = P * RθJC(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
RθJC = 1.45 °C /W
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
V
R - Reverse Voltage (V)
20
40
60
80
100
100
200
300
400
500
dI
F/dt (A/us)
T
J=150°C
© Preliminary
4
Publication Order Number:
DS_ADE4D20120D_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com