Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100034310 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 100034310
Description  Magnetic Inductive Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100034310 Datasheet(HTML) 1 Page - Turck, Inc.

  100034310 Datasheet HTML 1Page - Turck, Inc. 100034310 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
WIM160-UNTL-IOL-0.3-RS4
Magnetic Inductive Linear Position Sensor – For Analog
Monitoring of Pneumatic Cylinders
Technical data
Type
WIM160-UNTL-IOL-0.3-RS4
ID
100034310
Remark to product
1 mm corresponds to 128 values in the IO-
Link process data
Measuring principle
Magnetic
General data
 
Measuring range
160  mm
Resolution
15 bit
Repeatability
≤ 0.06 % of measuring range |A — B|
With non-rotatable piston rod and at 25 °C
Linearity deviation
< 0.3 mm
Temperature drift
≤ ± 0.006 %/K
Electrical data
 
Operating voltage
15…30  VDC
Residual ripple
≤ 10 % U
ss
No-load current
25  mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes
Wire breakage/Reverse polarity protection yes / Complete
Communication protocol
IO-Link
Output function
4-wire
IO-Link
 
IO-Link specification
V 1.1
Features
■Plastic, PA66‐GF25
■For direct mounting on pneumatic T-groove
cylinders
■Measuring range: 160 mm
■4-wire, 15…30 VDC
■IO-Link 1.1
■COM2
■Teachable via IO-Link or button
■Cable with M12 × 1 male connector
Wiring diagram
Functional principle
The linear position sensors operate according
to the Hall principle and provide an output signal
proportional to the position of the piston rod of
a pneumatic cylinder. This signal can be used
to accomplish control tasks. The polarity of the
magnet has no effect on the output signal. The


Similar Part No. - 100034310

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100034311 TURCK-100034311 Datasheet
760Kb / 2P
Magnetic Inductive Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
11/07/2023
100034312 TURCK-100034312 Datasheet
760Kb / 2P
Magnetic Inductive Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
11/07/2023
100034313 TURCK-100034313 Datasheet
760Kb / 2P
Magnetic Inductive Linear Position Sensor – For Analog Monitoring of Pneumatic Cylinders
11/07/2023
More results

Similar Description - 100034310

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PMIS3-20-5-50KHZ ASM-SENSOR-PMIS3-20-5-50KHZ Datasheet
238Kb / 9P
Magnetic Scale Position Sensor
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
Multiturn Magnetic Position Sensor
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
logo
TE Connectivity Ltd
CAT-ATS0026 TEC-CAT-ATS0026 Datasheet
109Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR(AUTOMOTIVE)
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com