Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0140L Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBF0140L
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0140L Datasheet(HTML) 2 Page - Comchip Technology

  CDBF0140L Datasheet HTML 1Page - Comchip Technology CDBF0140L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBF0140L)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
SMD Diodes Specialist
COMCHIP
Page 2
REV:A
QW-A1014
Fig. 3 - Capacitance between
terminals characteristics
Reverse voltage (V)
Fig. 2 - Reverse characteristics
Reverse voltage (V)
0
10
20
30
40
1n
Fig. 1 - Forward characteristics
Forward voltage (V)
0
1000
100
10
1
O
O
O
O
O
O
O
O
0.2
0.4
0.5
0.7
0.6
0.3
0.1
10n
100n
1u
10u
100u
1m
10m
0
10
20
30
40
0
3
6
9
12
15
Fig. 4 - Current derating curve
0
20
40
60
80
100
0
25
50
75
100
125
150
Mounting on glass epoxy PCBs
Ambient temperature ( C )
O
O
75
C
O
O
25 C
O
O
-25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com