Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0145 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBF0145
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0145 Datasheet(HTML) 1 Page - Comchip Technology

  CDBF0145 Datasheet HTML 1Page - Comchip Technology CDBF0145 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Symbol
VF
IR
CT
Min Typ
9
Max
0.55
1
Io = 100 mA
VR = 45 Volt s
CDBF0145
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
Unit
V
uA
pF
Conditions
I F = 100 mA DC
VR = 10 V
f = 1MHz, and 10 VDC reverse voltage
Parameter
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM
VR
Io
IFSM
PD
TSTG
T j
Min
-40
-40
Max
50
45
100
250
+125
+125
Typ
1000
Unit
V
V
mA
mA
mW
C
C
Maximum Rating ( at T A = 25 C unless otherwise noted )
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
(Lead-free Device)
Features
Designed for mounting on small surface.
Extremely thin/leadless package.
Low leakage current (IR=0.1uA typ.
@VR=10V).
Majority carrier conduction.
Mechanical data
Case:
1005 (2512) Standard package ,
molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.006 gram (approximately).
SMD Diodes Specialist
COMCHIP
Page 1
REV:A
QW-A1020
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.012 (0.30) Typ.
0.020(0.50) Typ.


Similar Part No. - CDBF0145

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBF0145-HF COMCHIP-CDBF0145-HF Datasheet
200Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBF0145

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBUR0230 COMCHIP-CDBUR0230 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com