Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBF0520L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBF0520L
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0520L Datasheet(HTML) 1 Page - Comchip Technology

  CDBF0520L Datasheet HTML 1Page - Comchip Technology CDBF0520L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IO = 500 mA
VR = 20 Volt s
CDBF0520L
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
(Lead-free Device)
Features
Designed for mounting on small surface.
Extremely thin/leadless package.
Majority carrier conduction.
Mechanical data
Case:
SOD-323F (2512) Standard
package , molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.006 gram (approximately).
Low forward Voltage
Conditions
IF = 100mA @Ta=25
C
IF = 500mA @Ta=25
C
VR = 10V
@Ta=25
C
VR = 20V
@Ta=25
C
f = 1MHz, and 0 VDC reverse voltage
IF = 100mA @Ta=100
C
IF = 500mA @Ta=100
C
IF=IR=10mA,Irr= 0.1 X IR,RL=100 ohm
Typ
Min
-40
-40
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
Unit
mV
mV
mV
mV
uA
uA
pF
ns
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Symbol
VF
VF
VF
VF
IR
IR
CT
Trr
Min Typ
22
Max
300
385
220
330
75
250
170
Parameter
Repetitive peak reverse voltage
Reverse voltage
Forward current , surge peak
Storage temperature
Junction temperature
Average forward rectified current
Conditions
Symbol
VRRM
VR
IO
IFSM
TSTG
T j
Max
20
20
0.5
5.5
+125
+125
Unit
V
V
A
A
C
C
Maximum Rating ( at T A = 25 C unless otherwise noted )
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Page 1
REV:A
QW-A1039
SMD Diodes Specialist
COMCHIP
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005(2512)
0.012 (0.30) Typ.
0.020(0.50) Typ.


Similar Part No. - CDBF0520L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBF0520L-HF COMCHIP-CDBF0520L-HF Datasheet
195Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBF0520L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com