Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET13GY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NET13GY
Description  13A 1G unswitched socket module 50 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NET13GY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NET13GY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NET13GY
DESCRIPTION
13A 1G unswitched socket module 50 x 50mm - Grey
NET WEIGHT (KG)
0.035
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Recessed Depth - 28
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
NEON INDICATOR
No
LOAD/MAX. LOAD
13A
TERMINAL TYPE
Screw
TERMINAL CAPACITY
3 x 2.5mm² or 2 x 4.0mm²
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 1363-2
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990369
Date Created: 19/04/2024 01:30
www.mlaccessories.co.uk
NET13GY
13A 1G unswitched socket module 50 x 50mm -
Grey


Similar Part No. - NET13GY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NET13BK KNIGHTSBRIDGE-NET13BK Datasheet
232Kb / 1P
13A 1G unswitched socket module 50 x 50mm - black
19/04/2024
NET13WH KNIGHTSBRIDGE-NET13WH Datasheet
177Kb / 1P
13A 1G unswitched socket module 50 x 50mm - white
19/04/2024
More results

Similar Description - NET13GY

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66L1G45G MCNIX-MX66L1G45G Datasheet
1Mb / 124P
3V 1G-BIT [x 1/x 2/x 4] CMOS MXSMIO
logo
List of Unclassifed Man...
HX313C9FR-8 ETC2-HX313C9FR-8 Datasheet
392Kb / 2P
8GB 1G x 64-Bit DDR3-1333
HX316C10FW-8 ETC2-HX316C10FW-8 Datasheet
392Kb / 2P
8GB 1G x 64-Bit DDR3-1600
HX318C10F-8 ETC2-HX318C10F-8 Datasheet
393Kb / 2P
8GB 1G x 64-Bit DDR3-1866
HX318C10FB-8 ETC2-HX318C10FB-8 Datasheet
391Kb / 2P
8GB 1G x 64-Bit DDR3-1866
HX318C10FR-8 ETC2-HX318C10FR-8 Datasheet
392Kb / 2P
8GB 1G x 64-Bit DDR3-1866
HX318C10FW-8 ETC2-HX318C10FW-8 Datasheet
392Kb / 2P
8GB 1G x 64-Bit DDR3-1866
KVR1333D3N9K4-32G ETC2-KVR1333D3N9K4-32G Datasheet
84Kb / 2P
32GB (8GB 1G x 64-Bit x 4 pcs.)
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com