Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETBTMBK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETBTMBK
Description  Telephone Master Outlet Module 25 x 50mm (IDC) - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETBTMBK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETBTMBK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETBTMBK
DESCRIPTION
Telephone Master Outlet Module 25 x 50mm (IDC) - Black
NET WEIGHT (KG)
0.011
FINISH
Black
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 21
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 6312-2.2
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940159
Date Created: 19/04/2024 01:33
www.mlaccessories.co.uk
NETBTMBK
Telephone Master Outlet Module 25 x 50mm (IDC) -
Black


Similar Part No. - NETBTMBK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETBTMGY KNIGHTSBRIDGE-NETBTMGY Datasheet
215Kb / 1P
Telephone Master Outlet Module 25 x 50mm (IDC) - Grey
19/04/2024
NETBTMWH KNIGHTSBRIDGE-NETBTMWH Datasheet
160Kb / 1P
Telephone Master Outlet Module 25 x 50mm (IDC) - White
19/04/2024
More results

Similar Description - NETBTMBK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MQ115-4PA-1A HIROSE-MQ115-4PA-1A Datasheet
234Kb / 6P
TELEPHONE SWITCH SYSTEM IDC CONNECTOR MQ115 SERIES
logo
Gamewell-FCI by Honeywe...
AOM-MUXF GAMEWELL-FCI-AOM-MUXF Datasheet
403Kb / 1P
Telephone monitor module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
Contec Co., Ltd
CPSL-08P1EN CONTEC-CPSL-08P1EN Datasheet
699Kb / 3P
IO-Link Master Module
logo
Prosoft-Technology
MVI46-PDPMV1 PROSOFT-MVI46-PDPMV1 Datasheet
79Kb / 2P
PROFIBUS DPV1 Master Communication Module
MVI94-MCM-MHI PROSOFT-MVI94-MCM-MHI Datasheet
236Kb / 2P
Modbus Master/Slave Communication Module
logo
Festo Corporation.
4080495 FESTO-4080495 Datasheet
75Kb / 2P
IO-Link master module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com