Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETBTSGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETBTSGY
Description  Telephone Secondary Outlet Module 25 x 50mm (IDC) - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETBTSGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETBTSGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETBTSGY
DESCRIPTION
Telephone Secondary Outlet Module 25 x 50mm (IDC) - Grey
NET WEIGHT (KG)
0.011
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 25
Depth - 22
Recessed Depth - 21
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 6312-2.2
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990482
Date Created: 19/04/2024 01:33
www.mlaccessories.co.uk
NETBTSGY
Telephone Secondary Outlet Module 25 x 50mm
(IDC) - Grey


Similar Part No. - NETBTSGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETBTSBK KNIGHTSBRIDGE-NETBTSBK Datasheet
185Kb / 1P
Telephone Secondary Outlet Module 25 x 50mm (IDC) - Black
19/04/2024
NETBTSWH KNIGHTSBRIDGE-NETBTSWH Datasheet
157Kb / 1P
Telephone Secondary Outlet Module 25 x 50mm (IDC) - White
19/04/2024
More results

Similar Description - NETBTSGY

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
256KB Secondary Cache Module
logo
Hirose Electric
MQ115-4PA-1A HIROSE-MQ115-4PA-1A Datasheet
234Kb / 6P
TELEPHONE SWITCH SYSTEM IDC CONNECTOR MQ115 SERIES
logo
Gamewell-FCI by Honeywe...
AOM-MUXF GAMEWELL-FCI-AOM-MUXF Datasheet
403Kb / 1P
Telephone monitor module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
IC MICROSYSTEMS
ICM9102M ICMIC-ICM9102M Datasheet
339Kb / 3P
SINGLE CHIP TELEPHONE BOARD MODULE
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
512KB SECONDARY CACHE MODULE
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com