Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETCAT5BK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETCAT5BK
Description  UTP CAT5E RJ45 Outlet Module 25 x 50mm - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETCAT5BK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETCAT5BK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETCAT5BK
DESCRIPTION
UTP CAT5E RJ45 Outlet Module 25 x 50mm - Black
FINISH
Black
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 18
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940395
Date Created: 19/04/2024 01:02
www.mlaccessories.co.uk
NETCAT5BK
UTP CAT5E RJ45 Outlet Module 25 x 50mm - Black


Similar Part No. - NETCAT5BK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETCAT5GY KNIGHTSBRIDGE-NETCAT5GY Datasheet
212Kb / 1P
UTP CAT5e RJ45 Outlet Module 25 x 50mm - Grey
19/04/2024
NETCAT5WH KNIGHTSBRIDGE-NETCAT5WH Datasheet
147Kb / 1P
UTP CAT5E RJ45 Outlet Module 25 x 50mm - White
19/04/2024
More results

Similar Description - NETCAT5BK

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
394744 ERNI-394744 Datasheet
157Kb / 1P
M12 - RJ45 CAT5e Assembly
logo
Tripp Lite. All Rights ...
N001-025-BK TRIPPLITE-N001-025-BK Datasheet
477Kb / 2P
Cat5e 350MHz Snagless Molded Patch Cable (RJ45 M/M) - Black, 25-ft.
logo
Assmann Electronics Inc...
ATUP-P305T ASSMANN-ATUP-P305T Datasheet
236Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
ATUP-V305T ASSMANN-ATUP-V305T Datasheet
242Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
logo
Tripp Lite. All Rights ...
N002-015-WH TRIPPLITE-N002-015-WH Datasheet
167Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), White, 15 ft.
N002-025-BK TRIPPLITE-N002-025-BK Datasheet
157Kb / 2P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 25-ft.
N002-075-BL TRIPPLITE-N002-075-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), Blue, 75 ft.
logo
Belden Inc.
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
1224 BELDEN-1224 Datasheet
176Kb / 3P
CAT5e Horizontal, 4pr, UTP, LSZH Jkt
2022 Belden, Inc
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com