Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETCAT5GY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETCAT5GY
Description  UTP CAT5e RJ45 Outlet Module 25 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETCAT5GY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETCAT5GY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETCAT5GY
DESCRIPTION
UTP CAT5e RJ45 Outlet Module 25 x 50mm - Grey
NET WEIGHT (KG)
0.011
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 18
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990666
Date Created: 19/04/2024 01:02
www.mlaccessories.co.uk
NETCAT5GY
UTP CAT5e RJ45 Outlet Module 25 x 50mm - Grey


Similar Part No. - NETCAT5GY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETCAT5BK KNIGHTSBRIDGE-NETCAT5BK Datasheet
185Kb / 1P
UTP CAT5E RJ45 Outlet Module 25 x 50mm - Black
19/04/2024
NETCAT5WH KNIGHTSBRIDGE-NETCAT5WH Datasheet
147Kb / 1P
UTP CAT5E RJ45 Outlet Module 25 x 50mm - White
19/04/2024
More results

Similar Description - NETCAT5GY

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
394744 ERNI-394744 Datasheet
157Kb / 1P
M12 - RJ45 CAT5e Assembly
logo
Assmann Electronics Inc...
ATUP-P305T ASSMANN-ATUP-P305T Datasheet
236Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
ATUP-V305T ASSMANN-ATUP-V305T Datasheet
242Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
logo
Tripp Lite. All Rights ...
N030-100-STR TRIPPLITE-N030-100-STR Datasheet
167Kb / 2P
RJ45 Modular Connector for Round Stranded UTP Conductor 4-Pair Cat5e, 100 Pack
N002-015-WH TRIPPLITE-N002-015-WH Datasheet
167Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), White, 15 ft.
N002-075-BL TRIPPLITE-N002-075-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), Blue, 75 ft.
logo
Belden Inc.
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
1224 BELDEN-1224 Datasheet
176Kb / 3P
CAT5e Horizontal, 4pr, UTP, LSZH Jkt
2022 Belden, Inc
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com