Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETCAT6WH Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETCAT6WH
Description  UTP CAT6 RJ45 Outlet Module 25 x 50mm - White
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETCAT6WH Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETCAT6WH Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETCAT6WH
DESCRIPTION
UTP CAT6 RJ45 Outlet Module 25 x 50mm - White
NET WEIGHT (KG)
0.011
FINISH
White
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 18
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940425
Date Created: 19/04/2024 01:03
www.mlaccessories.co.uk
NETCAT6WH
UTP CAT6 RJ45 Outlet Module 25 x 50mm - White


Similar Part No. - NETCAT6WH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETCAT6BK KNIGHTSBRIDGE-NETCAT6BK Datasheet
187Kb / 1P
UTP CAT6 RJ45 Outlet Module 25 x 50mm - Black
19/04/2024
NETCAT6GY KNIGHTSBRIDGE-NETCAT6GY Datasheet
210Kb / 1P
UTP CAT6 RJ45 Outlet Module 25 x 50mm - Grey
19/04/2024
More results

Similar Description - NETCAT6WH

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-003-B ASSMANN-DK-1611-003-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-B ASSMANN-DK-1611-010-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-B ASSMANN-DK-1611-100-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-GR ASSMANN-DK-1611-010-GR Datasheet
91Kb / 1P
Cat6 UTP Patch cable
logo
Tripp Lite. All Rights ...
N201-025-WH TRIPPLITE-N201-025-WH Datasheet
156Kb / 2P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - White, 25-ft.
N201-006-WH TRIPPLITE-N201-006-WH Datasheet
168Kb / 3P
Cat6 Gigabit Snagless Molded UTP Patch Cable (RJ45 M/M), White, 6 ft.
logo
Belden Inc.
RV6IJ2UBK-B24 BELDEN-RV6IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
N232-100-UTP TRIPPLITE-N232-100-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 100 Pack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com