Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETDITVGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETDITVGY
Description  Diplexed TV /FM DAB Outlet Module 50 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETDITVGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETDITVGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETDITVGY
DESCRIPTION
Diplexed TV /FM DAB Outlet Module 50 x 50mm - Grey
NET WEIGHT (KG)
0.093
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Recessed Depth - 31
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Male
FM/DAB CONNECTION TYPE
Female
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990758
Date Created: 19/04/2024 01:35
www.mlaccessories.co.uk
NETDITVGY
Diplexed TV /FM DAB Outlet Module 50 x 50mm -
Grey


Similar Part No. - NETDITVGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETDITVBK KNIGHTSBRIDGE-NETDITVBK Datasheet
265Kb / 1P
Diplexed TV /FM DAB Outlet Module 50 x 50mm - Black
19/04/2024
NETDITVWH KNIGHTSBRIDGE-NETDITVWH Datasheet
230Kb / 1P
Diplexed TV /FM DAB Outlet Module 50 x 50mm - White
19/04/2024
More results

Similar Description - NETDITVGY

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4424N ROHM-BA4424N Datasheet
109Kb / 7P
FM / TV front end
BA4425F ROHM-BA4425F Datasheet
101Kb / 6P
FM / TV front end
logo
Microtune,Inc
MT1501 MICROTUNE-MT1501 Datasheet
155Kb / 2P
EDC DAB TUNER MODULE
logo
Silicon Laboratories
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
Single-Chip, FM/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
logo
TE Connectivity Ltd
951-021-XXX TEC-951-021-XXX Datasheet
649Kb / 2P
AM/FM/ DAB Screw Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com