Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETHDMIGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETHDMIGY
Description  HDMI outlet module 25 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETHDMIGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETHDMIGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETHDMIGY
DESCRIPTION
HDMI outlet module 25 x 50mm - Grey
NET WEIGHT (KG)
0.033
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 40
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
HDMI v1.4
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990901
Date Created: 19/04/2024 01:53
www.mlaccessories.co.uk
NETHDMIGY
HDMI outlet module 25 x 50mm - Grey


Similar Part No. - NETHDMIGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETHDMIBK KNIGHTSBRIDGE-NETHDMIBK Datasheet
118Kb / 1P
HDMI outlet module 25 x 50mm - black
19/04/2024
NETHDMIWH KNIGHTSBRIDGE-NETHDMIWH Datasheet
113Kb / 1P
HDMI outlet module 25 x 50mm - white
19/04/2024
More results

Similar Description - NETHDMIGY

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Abracon Corporation
APAE915R2540ABDB1-T ABRACON-APAE915R2540ABDB1-T Datasheet
2Mb / 3P
915MHz; 25 x 25 x 4mm RFID(USA) Patch Antenna
08.03.15
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
Crystalfontz America, I...
CFAM1280800A0-101C CRYSTAIFONTZ-CFAM1280800A0-101C Datasheet
567Kb / 10P
HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101N CRYSTAIFONTZ-CFAM1280800A0-101N Datasheet
589Kb / 10P
HDMI TFT LCD DISPLAY MODULE
CFAM1280800B0-101R CRYSTAIFONTZ-CFAM1280800B0-101R Datasheet
566Kb / 10P
HDMI TFT LCD DISPLAY MODULE
logo
HARTING Technology Grou...
11-05-105-3001 HARTING-11-05-105-3001 Datasheet
570Kb / 2P
Han-Yellock module M-c, grey
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com