Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETHDMIWH Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETHDMIWH
Description  HDMI outlet module 25 x 50mm - white
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETHDMIWH Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETHDMIWH Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETHDMIWH
DESCRIPTION
HDMI outlet module 25 x 50mm - white
FINISH
White
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 40
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
HDMI v1.4
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940548
Date Created: 19/04/2024 01:51
www.mlaccessories.co.uk
NETHDMIWH
HDMI outlet module 25 x 50mm - white


Similar Part No. - NETHDMIWH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETHDMIBK KNIGHTSBRIDGE-NETHDMIBK Datasheet
118Kb / 1P
HDMI outlet module 25 x 50mm - black
19/04/2024
NETHDMIGY KNIGHTSBRIDGE-NETHDMIGY Datasheet
115Kb / 1P
HDMI outlet module 25 x 50mm - Grey
19/04/2024
More results

Similar Description - NETHDMIWH

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
Tripp Lite. All Rights ...
P568-025-WH TRIPPLITE-P568-025-WH Datasheet
170Kb / 3P
High-Speed HDMI Cable with Digital Video and Audio, HD 1080p (M/M), White, 25 ft.
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
N042U-WHB TRIPPLITE-N042U-WHB Datasheet
29Kb / 2P
Blank Snap-In Insert, UK Style, 25 x 50 mm, White
N042U-WHM-S TRIPPLITE-N042U-WHM-S Datasheet
32Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Module, 25 x 50 mm, White
N042U-WHM-SA TRIPPLITE-N042U-WHM-SA Datasheet
33Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Angled Module, 25 x 50 mm, Icon Tab, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com