Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETPIRGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETPIRGY
Description  120° PIR Sensor Module 50 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETPIRGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETPIRGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETPIRGY
DESCRIPTION
120° PIR Sensor Module 50 x 50mm - Grey
NET WEIGHT (KG)
0.054
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 50
Recessed Depth - 40
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
LOAD/MAX. LOAD
200W Fluorescent/Incandescent (100W LED)
SENSOR TYPE
PIR
SENSOR DETECTION ANGLE (DEGREES)
120
OPTIMUM DETECTION RANGE (M)
5m
SENSOR DURATION
3 mins
SENSOR LUX SETTINGS
night or day, no adjustment
WARRANTY
2year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270811766
Date Created: 19/04/2024 01:31
www.mlaccessories.co.uk
NETPIRGY
120° PIR Sensor Module 50 x 50mm - Grey


Similar Part No. - NETPIRGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETPIRBK KNIGHTSBRIDGE-NETPIRBK Datasheet
192Kb / 1P
120° PIR Sensor Module 50 x 50mm - Black
19/04/2024
NETPIRSBK KNIGHTSBRIDGE-NETPIRSBK Datasheet
194Kb / 1P
120° PIR Sensor Module w/override 50 x 50mm - Blac
19/04/2024
NETPIRSGY KNIGHTSBRIDGE-NETPIRSGY Datasheet
202Kb / 1P
120° PIR Sensor Module w/override 50 x 50mm - Grey
19/04/2024
NETPIRSWH KNIGHTSBRIDGE-NETPIRSWH Datasheet
183Kb / 1P
120° PIR Sensor Module w/override 50 x 50mm - White
19/04/2024
NETPIRWH KNIGHTSBRIDGE-NETPIRWH Datasheet
167Kb / 1P
120° PIR Sensor Module 50 x 50mm - White
19/04/2024
More results

Similar Description - NETPIRGY

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
KC7783 ETC-KC7783 Datasheet
32Kb / 1P
PIR Sensor Module
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
PIR Sensor Module
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
MINIATURE PIR SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com