Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETRJ11WH Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETRJ11WH
Description  RJ11 Outlet Module 25 x 50mm (IDC) - White
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETRJ11WH Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETRJ11WH Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETRJ11WH
DESCRIPTION
RJ11 Outlet Module 25 x 50mm (IDC) - White
FINISH
White
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 18
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
IDC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940302
Date Created: 19/04/2024 01:33
www.mlaccessories.co.uk
NETRJ11WH
RJ11 Outlet Module 25 x 50mm (IDC) - White


Similar Part No. - NETRJ11WH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETRJ11BK KNIGHTSBRIDGE-NETRJ11BK Datasheet
187Kb / 1P
RJ11 Outlet Module 25 x 50mm (IDC) - Black
19/04/2024
NETRJ11GY KNIGHTSBRIDGE-NETRJ11GY Datasheet
207Kb / 1P
RJ11 Outlet Module 25 x 50mm (IDC) - Grey
19/04/2024
More results

Similar Description - NETRJ11WH

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
List of Unclassifed Man...
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
logo
Schurter Inc.
4710 SCHURTER-4710 Datasheet
422Kb / 5P
IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610 Datasheet
456Kb / 6P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
Schurter Inc.
6610 SCHURTER-6610_V02 Datasheet
501Kb / 7P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
logo
Tripp Lite. All Rights ...
N042U-WHM-S TRIPPLITE-N042U-WHM-S Datasheet
32Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Module, 25 x 50 mm, White
N042U-WHM-SA TRIPPLITE-N042U-WHM-SA Datasheet
33Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Angled Module, 25 x 50 mm, Icon Tab, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com