Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETRLBK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETRLBK
Description  Modular Reading Light 50 x 50mm - Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETRLBK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETRLBK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. NETRLBK Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETRLBK
DESCRIPTION
Modular Reading Light 50 x 50mm - Black
NET WEIGHT (KG)
0.174
FINISH
Black
DIMENSIONS (MM)
Height - 50
Width - 50
Projection - 372
Recessed Depth - 33
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - Aluminium
Construction 2 - & polycarbonate
CLASS
II
IP RATING
IP20
WATTAGE (W)
2
LAMP TECHNOLOGY
LED
LUMENS (LM)
55
LUMENS LIGHT SOURCE ONLY (LM)
70
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
37.5
CIRCUIT WATTAGE (W)
1.9
CCT
3000K
LIGHT COLOUR
Warm White
CRI
>80
RUNNING CURRENT (A)
0.019
SVM
0.03
PST-LM
<1
BEAM ANGLE (DEGREES)
120
L70B50 LIFESPAN (HRS)
30,000
DIMMABLE
No
OPERATING TEMPERATURE
5~35°C
www.mlaccessories.co.uk
NETRLBK
Modular Reading Light 50 x 50mm - Black
2
kWh/1000h
KNIGHTSBRIDGE
NETRLBK
A
B
C
D
E
F
G
G
2
kWh/1000h
KNIGHTSBRIDGE
NETRLBK
A
B
C
D
E
F
G
G


Similar Part No. - NETRLBK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETRLGY KNIGHTSBRIDGE-NETRLGY Datasheet
185Kb / 2P
Modular Reading Light 50 x 50mm - Grey
19/04/2024
More results

Similar Description - NETRLBK

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CRANE-FUN-P10-CW-SD-PW-CH EVERLIGHT-CRANE-FUN-P10-CW-SD-PW-CH Datasheet
381Kb / 6P
Multi-functions: Reading light, night light, and clock modes.
logo
LUMEX INC.
SSP-CS83912 LUMEX-SSP-CS83912 Datasheet
59Kb / 1P
MODULAR STRIP LIGHT
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V01 Datasheet
382Kb / 4P
TL70 Modular Tower Light
logo
Pepperl+Fuchs Inc.
PCV80-F200-R4-V15-LS221 PF-PCV80-F200-R4-V15-LS221 Datasheet
343Kb / 3P
Optical reading head
PCV100-F200-B6-V15B-6011 PF-PCV100-F200-B6-V15B-6011 Datasheet
412Kb / 3P
Optical reading head
WCS3R-LS24A PF-WCS3R-LS24A Datasheet
188Kb / 3P
Reading head
WCS3R-LS24AH PF-WCS3R-LS24AH Datasheet
188Kb / 3P
Reading head
PCV50-F200-B17-V1D PF-PCV50-F200-B17-V1D Datasheet
1Mb / 6P
Optical reading head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com