Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETSATBK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETSATBK
Description  SAT TV Outlet Module 25 x 50mm - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETSATBK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETSATBK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETSATBK
DESCRIPTION
SAT TV Outlet Module 25 x 50mm - Black
FINISH
Black
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 12.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
SAT CONNECTION TYPE
F-Type
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940241
Date Created: 19/04/2024 01:49
www.mlaccessories.co.uk
NETSATBK
SAT TV Outlet Module 25 x 50mm - Black


Similar Part No. - NETSATBK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETSATGY KNIGHTSBRIDGE-NETSATGY Datasheet
186Kb / 1P
SAT TV Outlet Module 25 x 50mm - Grey
19/04/2024
NETSATSBK KNIGHTSBRIDGE-NETSATSBK Datasheet
226Kb / 1P
Screened SAT TV Outlet Module 25 x 50mm - Black
19/04/2024
NETSATSGY KNIGHTSBRIDGE-NETSATSGY Datasheet
250Kb / 1P
Screened SAT TV Outlet Module 25 x 50mm - Grey
19/04/2024
NETSATSWH KNIGHTSBRIDGE-NETSATSWH Datasheet
204Kb / 1P
Screened SAT TV Outlet Module 25 x 50mm - White
19/04/2024
NETSATWH KNIGHTSBRIDGE-NETSATWH Datasheet
140Kb / 1P
SAT TV Outlet Module 25 x 50mm - White
19/04/2024
More results

Similar Description - NETSATBK

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U813BS TEMIC-U813BS Datasheet
93Kb / 7P
1.1-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
TDA6142-5X SIEMENS-TDA6142-5X Datasheet
273Kb / 10P
FM-Demodulator for SAT TV with Switchable Input
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
PHOENIX CONTACT
2856993 PHOENIX-2856993 Datasheet
291Kb / 5P
Surge protection device - C-TV-SAT
12/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com