Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETTS1BK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETTS1BK
Description  1G 1-WAY TOUCHLESS SWITCH MODULE 50 x 50mm - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETTS1BK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETTS1BK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETTS1BK
DESCRIPTION
1G 1-WAY TOUCHLESS SWITCH MODULE 50 x 50mm - Black
NET WEIGHT (KG)
0.054
FINISH
Black
DIMENSIONS (MM)
Height - 49.5
Width - 49.5
Depth - 42
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH TYPE
Single Pole
SWITCH FUNCTION
1-Way
LOAD/MAX. LOAD
500W Resistive, 200W Inductive, 100W LED
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
ADDITIONAL FEATURES
Requires a neutral
FUNCTION
Touchless switch
SENSOR TYPE
PIR
SENSOR OVERRIDE
No
OPTIMUM DETECTION RANGE (M)
up to 3cm
WARRANTY
2year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270829945
Date Created: 19/04/2024 01:32
www.mlaccessories.co.uk
NETTS1BK
1G 1-WAY TOUCHLESS SWITCH MODULE 50 x
50mm - Black


Similar Part No. - NETTS1BK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETTS1GY KNIGHTSBRIDGE-NETTS1GY Datasheet
194Kb / 1P
1G 1-WAY TOUCHLESS SWITCH MODULE 50 x 50mm - Grey
19/04/2024
NETTS1WH KNIGHTSBRIDGE-NETTS1WH Datasheet
147Kb / 1P
1G 1-WAY TOUCHLESS SWITCH MODULE 50 x 50mm - White
19/04/2024
More results

Similar Description - NETTS1BK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCND3000 VISHAY-TCND3000 Datasheet
150Kb / 9P
Reflective Sensor for Touchless Switch
23-Aug-06
logo
Macronix International
MX66L1G45G MCNIX-MX66L1G45G Datasheet
1Mb / 124P
3V 1G-BIT [x 1/x 2/x 4] CMOS MXSMIO
logo
List of Unclassifed Man...
KVR1333D3N9K4-32G ETC2-KVR1333D3N9K4-32G Datasheet
84Kb / 2P
32GB (8GB 1G x 64-Bit x 4 pcs.)
logo
Silicon Laboratories
AN522 SILABS-AN522 Datasheet
1Mb / 8P
TOUCHLESS LAVATORY APPLIANCES
logo
Integrated Silicon Solu...
IS31SE5001 ISSI-IS31SE5001 Datasheet
326Kb / 11P
IR SENSOR FOR TOUCHLESS PROXIMITY
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Silicom Ltd.
IBSG SILICOM-IBSG Datasheet
450Kb / 10P
Intelligent 1G Bypass Switch
logo
Schurter Inc.
TTS SCHURTER-TTS Datasheet
490Kb / 4P
Touchless Switch
05.01.2022
logo
Tripp Lite. All Rights ...
N042U-WM1-S TRIPPLITE-N042U-WM1-S Datasheet
37Kb / 2P
1-Port UK-Style Unloaded Shuttered Module, 50 x 50 mm, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com