Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETTVBK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETTVBK
Description  TV Outlet Module (PCB) - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETTVBK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETTVBK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETTVBK
DESCRIPTION
TV Outlet Module (PCB) - Black
FINISH
Black
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 25
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940210
Date Created: 19/04/2024 01:49
www.mlaccessories.co.uk
NETTVBK
TV Outlet Module (PCB) - Black


Similar Part No. - NETTVBK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETTVGY KNIGHTSBRIDGE-NETTVGY Datasheet
222Kb / 1P
TV Outlet Module (PCB) 25 x 50mm - Grey
19/04/2024
NETTVSBK KNIGHTSBRIDGE-NETTVSBK Datasheet
224Kb / 1P
Screened TV Outlet 25 x 50mm - Black
19/04/2024
NETTVSGY KNIGHTSBRIDGE-NETTVSGY Datasheet
248Kb / 1P
Screened TV Outlet 25 x 50mm - Grey
19/04/2024
NETTVSWH KNIGHTSBRIDGE-NETTVSWH Datasheet
209Kb / 1P
Screened TV Outlet 25 x 50mm - White
19/04/2024
NETTVWH KNIGHTSBRIDGE-NETTVWH Datasheet
166Kb / 1P
TV Outlet Module (PCB) - Whit
19/04/2024
More results

Similar Description - NETTVBK

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
Integrated Circuit Module - Color TV Switching Regulator
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
Monomax Black and White TV Subsystem
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
List of Unclassifed Man...
NET9RMBLK ETC2-NET9RMBLK Datasheet
63Kb / 1P
APC Black Rackmount SurgeArrest 9 Outlet 120V
logo
Molex Electronics Ltd.
130138-0021 MOLEX11-130138-0021 Datasheet
40Kb / 1P
Super-Safeway Multiple Outlet Coverplate, Duplex, Black
130138-0047 MOLEX11-130138-0047 Datasheet
39Kb / 1P
Watertite Multiple Outlet Coverplate, Clear Silicone Single GFCI Module
logo
PowerDynamics, Inc
43R65 POWERDYNAMICS-43R65 Datasheet
37Kb / 1P
IEC 60320 C13 APPL. OUTLET; PCB TERMINALS, SIDE FLANGE
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
DONG IL TECHNOLOGY LTD.
DAC-17 DIT-DAC-17 Datasheet
594Kb / 1P
APPLIANCE OUTLET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com