Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETTVGY Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETTVGY
Description  TV Outlet Module (PCB) 25 x 50mm - Grey
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETTVGY Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETTVGY Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETTVGY
DESCRIPTION
TV Outlet Module (PCB) 25 x 50mm - Grey
NET WEIGHT (KG)
0.011
FINISH
Grey
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 25
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832990635
Date Created: 19/04/2024 01:49
www.mlaccessories.co.uk
NETTVGY
TV Outlet Module (PCB) 25 x 50mm - Grey


Similar Part No. - NETTVGY

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETTVBK KNIGHTSBRIDGE-NETTVBK Datasheet
199Kb / 1P
TV Outlet Module (PCB) - Black
19/04/2024
NETTVSBK KNIGHTSBRIDGE-NETTVSBK Datasheet
224Kb / 1P
Screened TV Outlet 25 x 50mm - Black
19/04/2024
NETTVSGY KNIGHTSBRIDGE-NETTVSGY Datasheet
248Kb / 1P
Screened TV Outlet 25 x 50mm - Grey
19/04/2024
NETTVSWH KNIGHTSBRIDGE-NETTVSWH Datasheet
209Kb / 1P
Screened TV Outlet 25 x 50mm - White
19/04/2024
NETTVWH KNIGHTSBRIDGE-NETTVWH Datasheet
166Kb / 1P
TV Outlet Module (PCB) - Whit
19/04/2024
More results

Similar Description - NETTVGY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Abracon Corporation
APAE915R2540ABDB1-T ABRACON-APAE915R2540ABDB1-T Datasheet
2Mb / 3P
915MHz; 25 x 25 x 4mm RFID(USA) Patch Antenna
08.03.15
logo
Ledil, Inc.
C10402 LEDIL-C10402 Datasheet
2Mb / 4P
25 x 25 mm lens with ~90째 x 8째 oval beam
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
HARTING Technology Grou...
11-05-105-3001 HARTING-11-05-105-3001 Datasheet
570Kb / 2P
Han-Yellock module M-c, grey
logo
FIBOX Enclosing innovat...
6300004 FIBOX-6300004 Datasheet
60Kb / 1P
Grey screw set, High cover (25-100 mm)
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com