Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETTVSWH Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETTVSWH
Description  Screened TV Outlet 25 x 50mm - White
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETTVSWH Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETTVSWH Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETTVSWH
DESCRIPTION
Screened TV Outlet 25 x 50mm - White
FINISH
White
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 30
MINIMUM MOUNTING BOX DEPTH
35mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832939702
Date Created: 19/04/2024 01:34
www.mlaccessories.co.uk
NETTVSWH
Screened TV Outlet 25 x 50mm - White


Similar Part No. - NETTVSWH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETTVSBK KNIGHTSBRIDGE-NETTVSBK Datasheet
224Kb / 1P
Screened TV Outlet 25 x 50mm - Black
19/04/2024
NETTVSGY KNIGHTSBRIDGE-NETTVSGY Datasheet
248Kb / 1P
Screened TV Outlet 25 x 50mm - Grey
19/04/2024
More results

Similar Description - NETTVSWH

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
Monomax Black and White TV Subsystem
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
Mil-Screened High Frequency Mil-Screened High Frequency
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
Screened Room Filters
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
Screened Room Filters
logo
Cynergy3 Co
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
FRD30000 fully screened
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
FRS12000 miniature screened
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
logo
Harwin Plc
Z9950-00 HARWIN-Z9950-00 Datasheet
42Kb / 1P
HEX DRIVE BIT 1.5mm x 50MM
Z9951-00 HARWIN-Z9951-00 Datasheet
47Kb / 1P
HEX DRIVE BIT 2.0mm x 50MM
logo
Tripp Lite. All Rights ...
N042U-WHB TRIPPLITE-N042U-WHB Datasheet
29Kb / 2P
Blank Snap-In Insert, UK Style, 25 x 50 mm, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com