Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETTVWH Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # NETTVWH
Description  TV Outlet Module (PCB) - Whit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

NETTVWH Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  NETTVWH Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
NETTVWH
DESCRIPTION
TV Outlet Module (PCB) - White
FINISH
White
DIMENSIONS (MM)
Height - 50
Width - 25
Recessed Depth - 25
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - ABS
IP RATING
IP20
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832940272
Date Created: 19/04/2024 01:49
www.mlaccessories.co.uk
NETTVWH
TV Outlet Module (PCB) - White


Similar Part No. - NETTVWH

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
NETTVBK KNIGHTSBRIDGE-NETTVBK Datasheet
199Kb / 1P
TV Outlet Module (PCB) - Black
19/04/2024
NETTVGY KNIGHTSBRIDGE-NETTVGY Datasheet
222Kb / 1P
TV Outlet Module (PCB) 25 x 50mm - Grey
19/04/2024
NETTVSBK KNIGHTSBRIDGE-NETTVSBK Datasheet
224Kb / 1P
Screened TV Outlet 25 x 50mm - Black
19/04/2024
NETTVSGY KNIGHTSBRIDGE-NETTVSGY Datasheet
248Kb / 1P
Screened TV Outlet 25 x 50mm - Grey
19/04/2024
NETTVSWH KNIGHTSBRIDGE-NETTVSWH Datasheet
209Kb / 1P
Screened TV Outlet 25 x 50mm - White
19/04/2024
More results

Similar Description - NETTVWH

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
Integrated Circuit Module - Color TV Switching Regulator
logo
Sharp Corporation
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
Color TFT-LCD Module(LCD TV/Car Navigation)
logo
List of Unclassifed Man...
AR7646 ETC1-AR7646 Datasheet
801Kb / 3P
12-bit Touch Panel Controller IC whit Temperature Sensor
logo
Advantech Co., Ltd.
PCM-232 ADVANTECH-PCM-232 Datasheet
246Kb / 1P
TV-out/Audio Module
logo
Qualtek Electronics Cor...
773W-X2-01 QUALTEK-773W-X2-01 Datasheet
322Kb / 1P
INLET OUTLET MODULE
logo
Molex Electronics Ltd.
130138-0047 MOLEX11-130138-0047 Datasheet
39Kb / 1P
Watertite Multiple Outlet Coverplate, Clear Silicone Single GFCI Module
logo
PowerDynamics, Inc
43R65 POWERDYNAMICS-43R65 Datasheet
37Kb / 1P
IEC 60320 C13 APPL. OUTLET; PCB TERMINALS, SIDE FLANGE
logo
Qualtek Electronics Cor...
773W-X2-02 QUALTEK-773W-X2-02 Datasheet
324Kb / 1P
INLET OUTLET MODULE
logo
Burland Technology Solu...
BTSC13L BURLAND-BTSC13L Datasheet
144Kb / 1P
Appliance Outlet
logo
DONG IL TECHNOLOGY LTD.
DAC-17 DIT-DAC-17 Datasheet
594Kb / 1P
APPLIANCE OUTLET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com