Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5590ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5590ACPZ-R7
Description  869 MHz to 1990 MHz Quadrature Modulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5590ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5590ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5590ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
869 MHz to 1990 MHz
Quadrature Modulators
ADL5590/ADL5591
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Operating frequencies
ADL5590: 869 MHz to 960 MHz
ADL5591: 1805 MHz to 1990 MHz
Output compression point P1dB: 16 dBm
Output third-order intercept point OIP3
ADL5590: 29 dBm @ 900 MHz
ADL5591: 30 dBm @ 1900 MHz
Noise floor: −157 dBm/Hz
Sideband suppression
ADL5590: <−50 dBc @ 900 MHz
ADL5591: <−47 dBc @ 1900 MHz
Baseband common-mode bias: 1.5 V
LO leakage
ADL5590: −50 dBc @ 900 MHz, POUT = 5 dBm
ADL5591: −44 dBc @ 1900 MHz, POUT = 5 dBm
Single supply: 4.75 V to 5.25 V
Package: 36-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Wireless infrastructure
Optimized for GSM transmitters
GENERAL DESCRIPTION
This family of monolithic RF quadrature modulators is
designed for use from 869 MHz to 960 MHz and from
1805 MHz to 1990 MHz. Excellent phase accuracy and
amplitude balance enable high performance, direct RF
modulation for communications systems.
The ADL5590 and ADL5591 can be used as direct RF
modulators in digital communications systems such as those
using the Global System for Mobile Communications (GSM)
network. In addition, the parts are compatible with enhanced
data rates for GSM evolution (EDGE).
This family is fabricated using an advanced silicon-germanium
bipolar process from Analog Devices, Inc., and is available in a
36-lead, exposed paddle LFCSP. The devices operate from
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ADL5590/
ADL5591
24
25
26
23
22
21
1
2
3
9
20
27
19
GND
QBBN
QBBP
VOUT
GND
IBBN
IBBP
GND
GND
4
5
6
7
8
GND
GND
VPS1
GND
LOIP
GND
LOIN
GND
GND
QUADRATURE
PHASE
SPLITTER
Figure 1.


Similar Part No. - ADL5590ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5590 AD-ADL5590 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results

Similar Description - ADL5590ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
Tyco Electronics
MADCSM0001 MACOM-MADCSM0001 Datasheet
267Kb / 8P
Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
700 MHz to 1050 MHz Quadrature
REV. B
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5591 AD-ADL5591_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com